Part Number Hot Search : 
39SF020 GBU808 MC79XXCT SFH221 SBL2030C CA3162AE CM250C TLP4227G
Product Description
Full Text Search
 

To Download BAS16WS-V-GS08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS16WS-V
Vishay Semiconductors
Small Signal Fast Switching Diode
Features
* Silicon epitaxial planar diode * Fast switching diode e3 * Also available in case SOT23 with designation BAS16 * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
20145
Mechanical Data
Case: SOD323 plastic case Weight: approx. 4.3 mg Packaging codes/options: GS18/10 k per 13" reel (8 mm tape), 10 k/box GS08/3 k per 7" reel (8 mm tape), 15 k/box
Parts Table
Part BAS16WS-V Ordering code BAS16WS-V-GS18 or BAS16WS-V-GS08 Marking A6 Remarks Tape and Reel
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified
Parameter Reverse voltage Peak reverse voltage Forward current (continuous) t = 1 s Non-repetitive peak forward current Power dissipation t = 1 ms t=1s Test condition Symbol VR VRM IF IFSM IFSM IFSM Ptot Value 75 100 250 2.0 1.0 0.5 200 Unit V V mA A A A mW
Thermal Characteristics
Tamb = 25 C, unless otherwise specified
Parameter Thermal resistance junction to ambient air Maximum junction temperature Storage temperature Test condition Symbol RthJA Tj Tstg Value 650 150 - 65 to + 150 Unit K/W C C
Document Number 85752 Rev. 1.7, 30-Apr-08
For technical support, please contact: Diodes-SSP@vishay.com
www.vishay.com 1
BAS16WS-V
Vishay Semiconductors Electrical Characteristics
Tamb = 25 C, unless otherwise specified
Parameter Test condition IF = 1 mA Forward voltage IF = 10 mA IF = 50 mA IF = 150 mA VR = 25 V, TJ = 150 C Leakage current Diode capacitance Reverse recovery time VR = 75 V VR = 75 V, TJ = 150 C VR = 0; f = 1 MHz IF = 10 mA to IR = 10 mA, IR = 1 mA, RL = 100 Symbol VF VF VF VF IR IR IR CD trr Min. Typ. Max. 715 855 1000 1250 30 1 50 2 6 Unit mV mV mV mV A A A pF ns
Typical Characteristics
Tamb = 25 C, unless otherwise specified
103 500
102
Tj = 100 C Tj = 25 C
400
IF (mA)
10
Ptot (mW)
300
1
200
10- 1
100
10- 2 0
18105
0 1 2
18185
0
100
200
VF (V)
Tamb (C)
Figure 1. Forward Characteristics
Figure 3. Admissible Power Dissipation vs. Ambient Temperature
104
5 2
Tj = 25 C f = 1 kHz
1.1
Tj = 25 C f = 1 MHz
103
5
1.0
Rf ()
102
5 2
CD (0 V)
CD (VR)
2
0.9
10
5 2
0.8
0.7 10-2 10-1 1 10 102
17440
0
2
4
6
8
10
17438
IF (mA)
VR (V)
Figure 2. Dynamic Forward Resistance vs. Forward Current
Figure 4. Relative Capacitance vs. Reverse Voltage
www.vishay.com 2
For technical support, please contact: Diodes-SSP@vishay.com
Document Number 85752 Rev. 1.7, 30-Apr-08
BAS16WS-V
Vishay Semiconductors
104
5 2
103
5 2
IR (nA)
102
5 2
10
5 2
VR = 20 V
1 0
17441
100
200
Tj (C)
Figure 5. Leakage Current vs. Junction Temperature
Package Dimensions in millimeters (inches): SOD323
17443
Document Number 85752 Rev. 1.7, 30-Apr-08
For technical support, please contact: Diodes-SSP@vishay.com
www.vishay.com 3
BAS16WS-V
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively. 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA. 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
www.vishay.com 4
For technical support, please contact: Diodes-SSP@vishay.com
Document Number 85752 Rev. 1.7, 30-Apr-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of BAS16WS-V-GS08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X